Part Number Hot Search : 
AN124 20ECB BS521 AK8135F C471MPD 7244S XFVOIP SD1030S
Product Description
Full Text Search
 

To Download NACT151K63V10X105TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES
* EXTENDED TEMPERATURE +125OC * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING * WIDE TEMPERATURE RANGE AND HIGH RIPPLE CURRENT * DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW includes all homogeneous materials ...SOLDERING
NACT Series
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Rated Capacitance Range Operating Temperature Range Capacitance Tolerance
*See Part Number System for Details
6.3 ~ 50 Vdc 33 ~ 1500F -40 ~ +125C 20%(M), 10%(K)* W.V. (Vdc) S.V. (Vdc) Tan @ 120Hz/20oC W.V. (Vdc) Z-25C/Z +20C Z-40C/Z +20C Capacitance Change Tan Leakage Current 6.3 8.0 0.30 6.3 4 8 10 16 25 35 50 13 20 32 44 63 0.24 0.20 0.16 0.14 0.14 10 16 25 35 50 3 2 2 2 2 6 4 4 3 3 Within +25% of initial measured value Less than 300% of specified value Less than specified value
Max. Leakage Current After 2 Minutes at 20C 0.01CV or 3A, whichever is greater Surge Voltage & Max. Tan Low Temperature Stability (Impedance Ratio @ 120Hz) Load Life Test at Rated W.V. 125C 1,500 Hours
*Optional 10% (K) Tolerance available on most values. Contact factory for availability.
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 125OC)

MAXIMUM ESR ( AT 120Hz AND 20C)

RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz) C 33F 33F < C 100 f <1K 1.0 1.0 1K f <10K 1.2 1.1 10K f <100K 1.3 1.2 100K f 1.45 1.3
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
33
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE D xL (mm)
W
0.3mm max.
NACT Series
D
L
+
I
I
-
A P B
DIMENSIONS (mm)
Case Size 8 x 10.5 10 x 10.5 12.5 x 14T2 D 0.5 8.0 10.0 12.5 L max. 10.5 10.5 14.0 A, B 0.2 8.3 10.3 13.5 H max. 10.0 12.0 15.0 I 0.3 3.4 3.5 4.7 P 0.3 3.1 4.6 4.4 W 0.9 0.2 0.9 0.2 0.9 0.3 K 0.7 0.2 0.7 0.2 0.7 0.3
PART NUMBER SYSTEM
NACT 101 M 25V 8x10.8 TR 13 F
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
Series
(R)
34
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NACT151K63V10X105TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X